Part Number Hot Search : 
IRFBF20 32017 250254B SAA6579 53259 SAA1305T PB314006 93C46
Product Description
Full Text Search
 

To Download TL081 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TL081 TL081A - TL081B
GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
.WI .LOWI .OUTPUTSHORT.HI .I .LATCHUPFREEOPERATI .HI
DE COMMON-MODE (UP TO VCC+) AND DIFFERENTIAL VOLTAGE RANGE NPUT BIAS AND OFFSET CURRENT CIRCUIT PROTECTION GH INPUT IMPEDANCE J-FET INPUT STAGE NTERNAL FREQUENCY COMPENSATION ON GH SLEW RATE : 16V/s (typ)
N DIP8 (Plastic Package) D SO8 (Plastic Micropackage)
DESCRIPTION The TL081, TL081A and TL081B are high speed J-FET inputsingle operationalamplifiers incorporating well matched, high voltage J-FET and bipolar transistors in a monolithic integrated circuit. The devicesfeaturehigh slew rates, low input bias and offset currents, and low offset voltage temperature coefficient. PIN CONNECTIONS (top view)
ORDER CODES
Part Number TL081M/AM/BM TL081I/AI/BI TL081C/AC/BC Temperature Range -55oC, +125oC -40 C, +105 C 0 C, +70 C
o o o o
Package N * * * D * * *
Examples : TL081CD, TL081IN
1 2 3 4
8 7 6 5
1 2 3 4 5 6 7 8
-
Offset Null 1 Inverting input Non-inverting input VCC Offset Null 2 Output + VCC N.C.
December 1998
1/9
TL081 - TL081A - TL081B
SCHEMATIC DIAGRAM
V
CC
Non-inverting input Inver ting input
100
200 Output
100 30k
8.2k
1.3k
35k
1.3k
3 5k
100
V CC
Offset Null1
Offset Null2
INPUT OFFSET VOLTAGE NULL CIRCUITS
TL081
N1
N2 100k V CC
ABSOLUTE MAXIMUM RATINGS
Symbol VCC Vi Vid Ptot Toper Supply Voltage - (note 1) Input Voltage - (note 3) Differential Input Voltage - (note 2) Power Dissipation Output Short-circuit Duration - (note 4) Operating Free Air Temperature Range TL081C,AC,BC TL081I,AI,BI TL081M,AM,BM Parameter Value 18 15 30 680 Infinite 0 to 70 -40 to 105 -55 to 125 -65 to 150
o
Unit V V V mW C
Tstg
Notes :
Storage Temperature Range
o
C
1. All voltage values, except differential voltage, are+with respect to the zero reference level (ground) of the supply voltages where the zero reference level is the midpoint between VCC and VCC-. 2. Differential voltages are at the non-inverting input terminal with respect to the inverting input terminal. 3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts, whichever is less. 4. The output may be shorted to ground or to either supply. Temperature and /or supply voltages must be limited to ensure that the dissipation rating is not exceeded.
2/9
TL081 - TL081A - TL081B
ELECTRICAL CHARACTERISTICS VCC = 15V, Tamb = 25oC (unless otherwise specified)
Symbol Vio Parameter Input Offset Voltage (R S = 50) o TL081 Tamb = 25 C TL081A TL081B TL081 Tmin. Tamb Tmax. TL081A TL081B Input Offset Voltage Drift Input Offset Current * o Tamb = 25 C Tmin. Tamb Tmax. Input Bias Current * o Tamb = 25 C Tmin. Tamb Tmax. Large Signal Voltage Gain (RL = 2k, VO = 10V) Tamb = 25oC Tmin. Tamb Tmax. Supply Voltage Rejection Ratio (R S = 50) o Tamb = 25 C Tmin. Tamb Tmax. Supply Current, no Load Tamb = 25oC Tmin. Tamb Tmax. Input Common Mode Voltage Range Common Mode Rejection Ratio (RS = 50) o Tamb = 25 C Tmin. Tamb Tmax. Output Short-circuit Current o Tamb = 25 C Tmin. Tamb Tmax. Output Voltage Swing o Tamb = 25 C Tmin. Tamb Tmax. SR tr KOV GBP Ri THD en m RL RL RL RL = = = = 2k 10k 2k 10k 11 50 25 80 80 TL081I,M,AC,AI, AM,BC,BI,BM Min. Typ. 3 3 1 Max. 10 6 3 13 7 5 Min. TL081C Typ. 3 Max. mV 10 13 V/ C 100 4 400 20 pA nA pA nA V/mV 200 25 15 70 70 2.5 2.5 11 200 dB 86 86 mA 1.4 +15 -12 86 1.4 +15 -12 86 mA 10 10 10 12 10 12 8 40 60 60 10 10 10 12 10 12 8 40 60 60 V 12 13.5 12 13.5 2.5 2.5 V dB 80 80 70 70
o
Unit
DV io Iio
10 5 100 4 200 20
10 5
Iib
20
20
Avd
SVR
ICC
Vicm CMR
Ios VOPP
Slew Rate (Vin = 10V, RL = 2k, CL = 100pF, o Tamb = 25 C, unity gain) Rise Time (Vin = 20mV, RL = 2k, C L = 100pF, Tamb = 25oC, unity gain) Overshoot (Vin = 20mV, RL = 2k, C L = 100pF, o Tamb = 25 C, unity gain) Gain Bandwidth Product (f = 100kHz, Tamb = 25oC, Vin = 10mV, R L = 2k, C L = 100pF) Input Resistance Total Harmonic Distortion (f = 1kHz, AV = 20dB, RL = 2k, C L = 100pF, Tamb = 25oC, VO = 2VPP) Equivalent Input Noise Voltage (f = 1kHz, Rs = 100) Phase Margin
V/s 16 0.1 10 2.5 4 10
12
16 0.1 10 MHz s %
2.5
4 10
12
%
0.01 15 45
0.01 15 45 nV Hz Degrees
* The input bias currents are junction leakage currents which approximately double for every 10oC increase in the junction temperature.
3/9
TL081 - TL081A - TL081B
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE VERSUS FREQUENCY MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE VERSUS FREQUENCY
30 MAXIMUM PEAK-TO-PEAKOUTPUT VOLTAGE (V) V CC = 25 20 V CC = 15 10 5 0 100 10V 15V
R L = 2 k T a m b = +25 C S ee Figure 2
MAXIMUMPEAK-TO-PEAK OUTPUT VOLTAGE (V)
30 25 20 15 10 5 0 100 1K 10K 100K 1M 10M
V CC =
5V
V CC = 15V V CC = 10V
R L= 10k Ta mb = +25 C S e e Figure 2
V CC =
5V
1K
10K
100K
1M
10M
FREQUENCY (Hz)
FREQUENC Y (Hz)
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE VERSUS FREQUENCY
MAXIMUMPEAK-TO-PEAK OUTPUT VOLTAGE (V)
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE VERSUS FREE AIR TEMP.
30
Tamb = +25 C
25 20 15
VCC =
15V
MAXIMUM PEAK-TO-PEAKOUTPUT VOLTAGE (V)
30 25 20
R L = 2k S ee Figure 2
R L = 1 0 k
15 10 5 0 - 75 - 50 - 25 0 25 50 75 - 50 1 25 T E MP ER AT U R E ( C )
Ta mb = -55 C
10 5 0
R L = 2 k
VC C =
15V
Ta mb = +125 C 10k 40k 100k 400k 1M 4M 10M
Se e F i gu re 2
FREQUENCY (Hz)
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE VERSUS LOAD RESISTANCE
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE VERSUS SUPPLY VOLTAGE
MAXIMUM PEAK-TO-PEAK OUTPUT
25
VOLTAGE (V)
V CC = 15V Tamb = +25C See Figure 2
MAXIMUM PEAK-TO-PEAKOUTPUT VOLTAGE (V)
30
30 25
RL = 10 k Tamb = +25C
20
15 10
20
15 10
5
0
0.1 0.2 0.4 0.7 1 2 4 7 10
5
0 2
4 6 8 10 12 SUPPLY VOLTAGE ( V)
14
16
LOAD RESISTANCE (k
)
4/9
TL081 - TL081A - TL081B
INPUT BIAS CURRENT VERSUS FREE AIR TEMPERATURE LARGE SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION VERSUS FREE AIR TEMPERATURE
100 V CC = INPUT BIAS CURRENT (nA) 10 15V
DIFFERENTIAL VOLTAGE AMPLIFICATION (V/V)
1000 400 200 100 40 20 10 4 2 1 -75 V CC = VO = R
L
1
15V 10V
0.1
= 2k
0.01 -50
-25
0
25
50
75
100
125
-50
-25
0
25
50
75
100
125
TEMPERATURE (C)
TEMPERATURE (C)
LARGE SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION AND PHASE SHIFT VERSUS FREQUENCY
TOTAL POWER DISSIPATION VERSUS FREE AIR TEMPERATURE
250
DIFFERENTIAL VOLTAGE AMPLIFICATION (V/V)
100
P HASE SHIFT (right sca le)
DIFFERENTIAL VOLTAGE AMPLIFICATION (le fts ca le)
180
TOTAL POWER DISSIPATION (mW)
225 200 175 150 125 100 75 50 25 0 -75 -50 -25 0 25 50
V CC = No signal No load
15V
10
90
1 100
R L = 2k C L = 100pF V CC = 15V T a mb = +125 C
1K 10K 100K 1M 10M FREQUENCY (Hz)
0
75
100
125
TEMPERATURE (C)
SUPPLY CURRENT PER AMPLIFIER VERSUS FREE AIR TEMPERATURE
2.0
SUPPLY CURRENT PER AMPLIFIER VERSUS SUPPLY VOLTAGE
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
SUPPLY CURRENT (mA)
1.8 SUPPLY CURRENT (mA) 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -75 -50 -25 0 25 50
V CC = No signal No load
15V
Tamb = +25C No signal No load
75
100
125
2
TEMPERATURE (C)
4 6 10 12 14 8 SUPPLY VOLTAGE ( V)
16
5/9
TL081 - TL081A - TL081B
COMMON MODE REJECTION RATIO VERSUS FREE AIR TEMPERATURE VOLTAGE FOLLOWER LARGE SIGNAL PULSE RESPONSE
INPUT AND OUTPUT VOLTAGES (V)
89 COMMON MODE MODE REJECTION RATIO (dB) 88 87 86 85 84 83 -75
6 4 2 0 -2 -4 -6 0
VCC = 15V R L = 2 k C L= 100pF Ta mb = +25 C
R L = 1 0 k VC C = 15V
OUTP UT INPUT
-50
-25
0
25
50
75
100
125
0.5
1
1.5
2
2.5
3
3.5
TEMPERATURE (C)
TIME (s )
OUTPUT VOLTAGE VERSUS ELAPSED TIME
EQUIVALENT INPUT NOISE VOLTAGE VERSUS FREQUENCY
28
OUTPUT VOLTAGE (mV)
70
OVERSH OOT
24 20 16 12 8 4
10% 90%
60 EQUIVALENT INPUT NOISE VOLTAGE (nV/VHz) 50 40 30 20 10 0 10 40 100 400 1k 4k
VCC = A V = 10
15V
R S = 100 T amb = +25C
V
CC
= 15V
0 -4 0
tr
R L = 2k Tamb = +25C
0.1
0.2
0.3 0.4
0.5
0.6
0.7
10k
40k 100k
TIME (s)
FREQUENCY (Hz)
TOTAL HARMONIC DISTORTION VERSUS FREQUENCY
1 TOTAL HARMONIC DISTORTION (%) 0.4 0.1 0.04 0.01 0.004 0.001 100 400 1k 4k 10k 40k 100k FREQUENCY (Hz) V V = = 15V 15V CC CC 1 A A V= = 1 V V V (rms) = = 6V 6V O
O (rms)
T amb = = +25C T amb +25C
6/9
TL081 - TL081A - TL081B
PARAMETER MEASUREMENT INFORMATION Figure 1 : Voltage Follower Figure 2 : Gain-of-10 Inverting Amplifier
10k
eI
1k
T L 08 1
TL081
eo
eo
RL
eI
CL = 100pF
RL = 2k
C L = 100pF
TYPICAL APPLICATIONS (0.5Hz) SQUARE WAVE OSCILLATOR
R F = 1 0 0k
3.3 k
-
+15V
T L0 81
1k
C = 3.3
F
F
-15V
3.3k
9.1k
f osc=
1 2 xR
F
CF
HIGH Q NOTCH FILTER
TL081
R1
R2
fo =
1 = 1kHz 2 x R1 C1
C3 C1 = C2 = C3 = 100pF 2
R3
R1 = R2 = 2R3 = 1. 5M
C1
C2
7/9
TL081 - TL081A - TL081B
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC DIP
Dimensions A a1 B b b1 D E e e3 e4 F i L Z
Min. 0.51 1.15 0.356 0.204 7.95
Millimeters Typ. 3.32
Max.
Min. 0.020 0.045 0.014 0.008 0.313
Inches Typ. 0.131
Max.
1.65 0.55 0.304 10.92 9.75 2.54 7.62 7.62 6.6 5.08 3.81 1.52
0.065 0.022 0.012 0.430 0.384 0.100 0.300 0.300 0260 0.200 0.150 0.060
3.18
0.125
8/9
TL081 - TL081A - TL081B
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC MICROPACKAGE (SO)
Dimensions A a1 a2 a3 b b1 C c1 D E e e3 F L M S
Min. 0.1 0.65 0.35 0.19 0.25 4.8 5.8
Millimeters Typ.
Max. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 45 (typ.) 5.0 6.2
o
Min. 0.004 0.026 0.014 0.007 0.010 0.189 0.228
Inches Typ.
Max. 0.069 0.010 0.065 0.033 0.019 0.010 0.020 0.197 0.244
1.27 3.81 3.8 0.4 4.0 1.27 0.6 8 o (max.) 0.150 0.016
0.050 0.150 0.157 0.050 0.024
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this pub lication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST log o is a trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. (c) http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of TL081

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X